Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J476M Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  2A, 18V, 800kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 4 Page - Richtek Technology Corporation

  C3225X5R0J476M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT7247C
4
DS7247C-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 20V
Switch Voltage, SW ------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
VBOOT
− VSW ---------------------------------------------------------------------------------------------------------- −0.3V to 6V
Other Pins Voltage -------------------------------------------------------------------------------------------------
−0.3V to 20V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------- 1.333W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------- 4.5V to 18V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
μA
Supply Current
VEN = 3V, VFB = 0.9V
--
0.8
1.2
mA
Reference Voltage
VREF
4.5V
≤ VIN ≤ 18V
0.788
0.8
0.812
V
Error Amplifier
Transconductance
GEA
ΔIC = ±10μA
--
940
--
μA/V
High Side Switch
On-Resistance
RDS(ON)1
--
150
--
m
Ω
Low Side Switch
On-Resistance
RDS(ON)2
--
130
--
m
Ω
High Side Switch Leakage
Current
VEN = 0V, VSW = 0V
--
0
10
μA
Upper Switch Current Limit
Min. Duty Cycle, VBOOT − VSW = 4.8V
--
5.1
--
A
COMP to Current Sense
Transconductance
GCS
--
3.7
--
A/V
Oscillation Frequency
fOSC1
--
800
--
kHz
Short Circuit Oscillation
Frequency
fOSC2
VFB = 0V
--
270
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
--
84
--
%
Minimum On-Time
tON
--
100
--
ns


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com