Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7251B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7251B
Description  1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7251B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7251B Datasheet HTML 6Page - Richtek Technology Corporation RT7251B Datasheet HTML 7Page - Richtek Technology Corporation RT7251B Datasheet HTML 8Page - Richtek Technology Corporation RT7251B Datasheet HTML 9Page - Richtek Technology Corporation RT7251B Datasheet HTML 10Page - Richtek Technology Corporation RT7251B Datasheet HTML 11Page - Richtek Technology Corporation RT7251B Datasheet HTML 12Page - Richtek Technology Corporation RT7251B Datasheet HTML 13Page - Richtek Technology Corporation RT7251B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT7251A/B
11
DS7251A/B-01 April 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT7251A/B is a synchronous high voltage buck
converter that can support the input voltage range from
4V to 17V and the output current can be up to 1.5A.
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
RT7251A/B
GND
FB
R1
R2
VOUT
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
OUT
FB
R1
V
= V
1
R2
⎛⎞
+
⎜⎟
⎝⎠
where VFB is the feedback reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 10nF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET. It is recommended
to add an external bootstrap diode between an external
5V and the BOOT pin for efficiency improvement when
input voltage is lower than 5.5V or duty ratio is higher
than 65%. The bootstrap diode can be a low cost one
such as 1N4148 or BAT54. The external 5V can be a 5V
fixed input from system or a 5V output of the RT7251A/B.
Note that the external boot voltage must be lower than
5.5V.
Figure 2. External Bootstrap Diode
Over Voltage Protection (OVP)
The RT7251A/B provides over voltage protection function
when output voltage is over 125%. The internal MOS will
be turned off. The control will return to normal operation if
over voltage condition is removed.
Under Voltage Protection (UVP)
For the RT7251A/B, it provides Hiccup Mode Under
Voltage Protection (UVP). When the FB voltage drops
below 50% of the feedback reference voltage, the UVP
function will be triggered and the RT7251A/B will shut down
for a period of time and then recover automatically. The
Hiccup Mode UVP can reduce input current in short-circuit
conditions.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current £GIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤
⎡⎤
Δ× −
⎢⎥
⎢⎥
×
⎣⎦ ⎣⎦
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
the highest efficiency operation. However, it requires a
large inductor to achieve this goal. For the ripple current
selection, the value of
ΔIL = 0.2(IMAX) will be a reasonable
starting point. The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below the specified maximum, the inductor value should
be chosen according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎢⎥ ⎢
⎣⎦ ⎣
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO
YUDEN
NR8040
8 x 8 x 4
RT7251A/B
SW
BOOT
5V
10nF


Similar Part No. - RT7251B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7251BZQW RICHTEK-RT7251BZQW Datasheet
682Kb / 12P
   Evaluation Board
More results

Similar Description - RT7251B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
   2A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com