Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX423AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX423AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX423AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX423AL Datasheet HTML 1Page - Sony Corporation ICX423AL Datasheet HTML 2Page - Sony Corporation ICX423AL Datasheet HTML 3Page - Sony Corporation ICX423AL Datasheet HTML 4Page - Sony Corporation ICX423AL Datasheet HTML 5Page - Sony Corporation ICX423AL Datasheet HTML 6Page - Sony Corporation ICX423AL Datasheet HTML 7Page - Sony Corporation ICX423AL Datasheet HTML 8Page - Sony Corporation ICX423AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
– 1 –
E01X23-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX423AL
20 pin DIP (Ceramic)
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
Description
The ICX423AL is an interline CCD solid-state image
sensor suitable for CCIR B/W video cameras with a
diagonal 11mm (Type 2/3) system. Compared with the
current product ICX083AL, basic characteristics such
as sensitivity and smear are improved drastically and
high saturation characteristics are realized.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time. This chip is compatible with the pins of the
ICX083AL and has the same drive conditions.
Features
• High sensitivity (+3.0dB compared with the ICX083AL)
• Low smear (–10.0dB compared with the ICX083AL)
• High saturation signal (+2.0dB compared with the ICX083AL)
• High resolution and Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Interline CCD image sensor
• Optical size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels: 752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
10.25mm (H)
× 8.5mm (V)
• Unit cell size:
11.6µm (H)
× 11.2µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
Optical black position
(Top View)
2
12
V
H
Pin 1
Pin 11
40
3


Similar Part No. - ICX423AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX422 SONY-ICX422 Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX424AL SONY-ICX424AL Datasheet
299Kb / 29P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX423AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com