Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROF-78E5.0-0.5SMD Datasheet(PDF) 3 Page - Recom International Power

Part # ROF-78E5.0-0.5SMD
Description  Non Isolated Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROF-78E5.0-0.5SMD Datasheet(HTML) 3 Page - Recom International Power

  ROF-78E5.0-0.5SMD Datasheet HTML 1Page - Recom International Power ROF-78E5.0-0.5SMD Datasheet HTML 2Page - Recom International Power ROF-78E5.0-0.5SMD Datasheet HTML 3Page - Recom International Power ROF-78E5.0-0.5SMD Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ROF-78E3.3-
0.5SMD
REC5-4812DRWZ/H6/A/SMD
+Vin
-Vin
+3.3V
-Vo
C1
C2
*High Isolated voltage
*Improved loading / line regulation
*Wide Input voltage range
*Point-of-Load Architecture
+24V
R1
R2
C3
EN
V
t
Power Sequencing
24V
3.3V
Vout
-Vo
+Vin
-Vin
ROF-78EXX-
0.5SMD
Schottky
Diode
Vout=
+Vo - Vsd forward
Vout
-Vo
+Vin
-Vin
ROF-78EXX-
0.5SMD
Add a blocking diode to Vout if current can flow backwards
into the output, as this can damage the converter when it is
powered down.
The diode can either be fitted across the device if the source is
low impedance or fitted in series with the output.
www.recom-electronic.com
I-53
REV:0/2012
Applications
INNOLINE
DC/DC-Converter
ROF-78Exx-0.5SMD
Series
Application Examples
Isolated (Up to 6KV), wide input range regulated output
High efficiency, isolated, dual unregulated outputs
Optional Protection Circuit
ROF-78EXX-
0.5SMD
DC/DC Converter (1:1)
C1
+Vo
COM
-Vo
+Vin
-Vin
*Isolated dual output
*Wide Input Range
Enable


Similar Part No. - ROF-78E5.0-0.5SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROF-78E5.0-0.5SMD-R RECOM-ROF-78E5.0-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
ROF-78E5.0-0.5SMD-R RECOM-ROF-78E5.0-0.5SMD-R Datasheet
103Kb / 4P
   Low Profile 4.0mm
More results

Similar Description - ROF-78E5.0-0.5SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
MX10A-3-5SA BOURNS-MX10A-3-5SA Datasheet
312Kb / 2P
   SMT Non-Isolated Power Module
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
MX3A-12SA BOURNS-MX3A-12SA Datasheet
301Kb / 2P
   SMT Non-Isolated Power Module
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
logo
Astec America, Inc
APC08 ASTEC-APC08_04 Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com