Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA24N50F Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDA24N50F
Description  N-Channel MOSFET 500V, 24A, 0.2廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA24N50F Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDA24N50F_12 Datasheet HTML 1Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 2Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 3Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 4Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 5Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 6Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 7Page - Fairchild Semiconductor FDA24N50F_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDA24N50F Rev.C0
www.fairchildsemi.com
7
Mechanical Dimensions
TO-3PN
Dimensions in Millimeters


Similar Part No. - FDA24N50F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA24N50F FAIRCHILD-FDA24N50F Datasheet
676Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.2廓
FDA24N50F FAIRCHILD-FDA24N50F Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDA24N50F ISC-FDA24N50F Datasheet
269Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDA24N50F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA24N50F FAIRCHILD-FDA24N50F Datasheet
676Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.2廓
FDA24N50 FAIRCHILD-FDA24N50 Datasheet
683Kb / 8P
   N-Channel MOSFET 500V, 24A, 0.19廓
logo
Unisonic Technologies
24N50 UTC-24N50_12 Datasheet
213Kb / 6P
   24A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP24N40 FAIRCHILD-FDP24N40_12 Datasheet
281Kb / 8P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP24N40 FAIRCHILD-FDP24N40 Datasheet
279Kb / 9P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com