Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA50N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDA50N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA50N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDA50N50_12 Datasheet HTML 1Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 2Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 3Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 4Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 5Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 6Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 7Page - Fairchild Semiconductor FDA50N50_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FDH50N50_F133 / FDA50N50 Rev.C0
Typical Performance Characteristics (Continued)
Figure 13. Typical Switching Losses vs.
Figure 14. Unclamped Inductive Switching
Gate Resistance
Capability
0
5
10
15
20
25
30
35
40
45
50
0
200
400
600
800
1,000
Notes :
1. V
DS = 400 V
2. V
GS = 12 V
3. I
D = 25A
4. T
J = 125
oC
Eoff
Eon
R
G, Gate resistance [Ω]
0.01
0.1
1
10
100
1
10
100
Starting T
J = 150
oC
Notes :
1. If R = 0 Ω
t
AV = (L)(IAS)/(1.3 Rated BVDSS - VDD)
2. If R 0 Ω
t
AV = (L/R)In[(IAS x R)/(1.3 Rated BVDSS - VDD)+1]
Starting T
J = 25
oC
t
AV, Time In Avalanche [ms]
Figure 15. Transient Thermal Resistance Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-3
10
-2
10
-1
Notes :
1. Z
θJC(t) = 0.2
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * ZθJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square W ave Pulse Duration [sec]


Similar Part No. - FDA50N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA50N50 FAIRCHILD-FDA50N50 Datasheet
222Kb / 8P
   500V N-Channel MOSFET
FDA50N50 FAIRCHILD-FDA50N50 Datasheet
497Kb / 8P
   500V N-Channel MOSFET
FDA50N50 FAIRCHILD-FDA50N50 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Thinki Semiconductor Co...
FDA50N50 THINKISEMI-FDA50N50 Datasheet
1Mb / 3P
   50Ampere,500Volt N-Channel Planar Process Power MOSFET
logo
Inchange Semiconductor ...
FDA50N50 ISC-FDA50N50 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDA50N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com