Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-732B-E Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK672-732B-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-732B-E Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK672-732B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
STK672-732B-E
No. A1931-10/23
[Configuration of Each Input Pin]
<Configuration of the
φA, φAB, φB, φBB,
<Configuration of the FAULT2 pin>
ENABLE, and RESETB input pins>
(The buffer has an open drain configuration.)
All input pins of this driver support schmitt input. Typ specifications at Tc = 25
°C are given below. Hysteresis voltage
is 0.3V (VIHa-VILa).
Input voltage specifications are as follows.
VIH=2.5V min
VIL=0.8V max
<Configuration of the Vref input pin>
<Configuration of the FAULT1 output pin>
<FAULT1, FAULT2 output>
FAULT1 Output
FAULT1 is an open drain output. It outputs low level when any of motor terminal open, overcurrent, or overheat is
detected.
FAULT2 output
Output is resistance divided (3 levels) and the type of abnormality detected is converted to the corresponding output
voltage.
• Motor terminal open: 10mV (typ)
• Overcurrent: 2.5V (typ)
• Overheat: 3.3V (typ)
Abnormality detection can be released by a RESETB operation or turning VDD voltage on/off.
VIHa
When rising
When falling
1.5V typ
VILa
1.8V typ
Input voltage
Input pin
5V
VSS
10k
Ω
100k
Ω
5V
Overcurrent
Overheating
50k
Ω
50k
Ω
Output pin
Pin 8
50k
Ω
Motor terminal open
Vref/4.9
VSS
Amplifier
+
Input pin
Pin 19
Output pin
Pin 16
5V
VSS
Overcurrent
Motor terminal open
Overheating


Similar Part No. - STK672-732B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Similar Description - STK672-732B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com