Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-732B-E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # STK672-732B-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-732B-E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-732B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-732B-E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STK672-732B-E
No. A1931-11/23
2. STK672-732B-E overcurrent detection, overheat detection, and motor terminal open detection functions
Each detection function operates using a latch system and turns output off. Because a RESET signal is required to
restore output operations, once the power supply, VDD, is turned off, you must either again apply power on reset
with VDDON or apply a RESETB=High→Low→High signal.
[Motor terminal open detection]
This hybrid IC is equipped with a function for detecting open output terminals to prevent thermal destruction of the
MOSFET due to repeated avalanche operation that occurs when an output terminal connected to the motor is open.
The open condition is determined by checking the presence or absence of the flyback current that flows in the motor
inductance during the off period of the PWM cycle.
Detection is performed by using the fact that the flyback current does not flow when a motor terminal is open.
When the current level drops, the difference with the GND potential decreases, making detection difficult. The motor
current that can be detected by motor terminal open detection is 0.7A or more with the STK672-732B-E.
<Notes on the ENABLE high edge>
When ENABLE changes from low to high and the STK672-7XXB-E performs constant-current PWM operation
that flows a negative current during the 30
μs period after the high edge, open detection may activate and stop the
driver.
The motor current setting voltage Vref must be set so that PWM operation is not performed within a period of 30
μs
after the high edge.
If the motor current setup voltage is set for the rated motor current, PWM operation is not performed during this
30
μs period after the high edge, so this is not a problem.
In addition, there is no problem with operation that lowers the current setting Vref after the motor rated current is
reached as shown in the diagram on the following page.
Whether constant-current PWM operation is performed during the 30
μs period after the high edge can be judged by
substituting the motor L and R values into the formula on the following page.
Vref= (R02÷ (R01+R02)) ×5V (or 3.3V)
IOH1= (Vref÷4.9) ÷Rs
IOH1: Motor current value to be set
IOH2= (VCC÷R) × (1-e
-tR/L)
IOH2: Current value 30μs after the ENABLE high edge
⇒ Judgment standard: IOH1>IOH2
R01, R02, 5V (or 3.3V): See the Sample Application Circuit documents.
Rs: Current detection resistance value (
Ω)
VCC: Motor supply voltage (V)
R: Motor winding resistance (
Ω)
L: Motor winding inductance (H)
⇒ There is no problem if the IOH2 obtained by substituting t = 30μs and the motor L and R values is smaller than
the current setting value IOH1.
Used to set the motor current
Used for open detection
(Negative current does not flow
when the terminal is open.)
Current detection
resistor voltage
0V (GND potential)
MOSFET gate signal
Terminal open
PWM period


Similar Part No. - STK672-732B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-732A-E SANYO-STK672-732A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-732AN-E ONSEMI-STK672-732AN-E Datasheet
500Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Similar Description - STK672-732B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com