Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX434AQ Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX434AQ
Description  Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX434AQ Datasheet(HTML) 1 Page - Sony Corporation

  ICX434AQ Datasheet HTML 1Page - Sony Corporation ICX434AQ Datasheet HTML 2Page - Sony Corporation ICX434AQ Datasheet HTML 3Page - Sony Corporation ICX434AQ Datasheet HTML 4Page - Sony Corporation ICX434AQ Datasheet HTML 5Page - Sony Corporation ICX434AQ Datasheet HTML 6Page - Sony Corporation ICX434AQ Datasheet HTML 7Page - Sony Corporation ICX434AQ Datasheet HTML 8Page - Sony Corporation ICX434AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Description
The ICX434AQ is a diagonal 5.68mm (Type 1/3.2)
interline CCD solid-state image sensor with a square
pixel array and 2.02M effective pixels. Frame
readout allows all pixels' signals to be output
independently within approximately 1/7.5 second.
Also, the adoption of high frame rate readout mode
supports 30 frames per second which is four times
the speed in frame readout mode. This chip features
an electronic shutter with variable charge-storage
time. Adoption of a design specially suited for frame
readout ensures a saturation signal level equivalent
to when using field readout. High resolution and high
color reproductivity are achieved through the use of
R, G, B primary color mosaic filters. Further, high
sensitivity and low dark current are achieved through
the adoption of Super HAD CCD technology.
This chip is suitable for applications such as electronic
still cameras, PC input cameras, etc.
Features
• Supports frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s
• Square pixel
• Horizontal drive frequency: 18MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High color reproductivity, high sensitivity, low smear
• Continuous variable-speed shutter
• Low dark current, excellent anti-blooming characteristics
• 16-pin high-precision plastic package (top/bottom dual surface reference possible)
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 5.68mm (Type 1/3.2)
• Total number of pixels:
1688 (H)
× 1248 (V) approx. 2.11M pixels
• Number of effective pixels: 1636 (H)
× 1236 (V) approx. 2.02M pixels
• Number of active pixels:
1620 (H)
× 1220 (V) approx. 1.98M pixels
• Chip size:
5.27mm (H)
× 4.40mm (V)
• Unit cell size:
2.8µm (H)
× 2.8µm (V)
• Optical black:
Horizontal (H) direction: Front 4 pixels, rear 48 pixels
Vertical (V) direction:
Front 10 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 28
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E01825
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX434AQ
16 pin DIP (Plastic)
Super HAD CCD is a trademark of Sony Corporation. The Super HAD CCD is a version of Sony's high performance CCD HAD (Hole-
Accumulation Diode) sensor with sharply improved sensitivity by the incorporation of a new semiconductor technology developed by Sony
Corpration.
Pin 1
V
4
48
2
10
Pin 9
H
Optical black position
(Top View)


Similar Part No. - ICX434AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX434DQN SONY-ICX434DQN Datasheet
329Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX434AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX434DQN SONY-ICX434DQN Datasheet
329Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
   Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com