Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC8602 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC8602
Description  Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8602 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC8602 Datasheet HTML 1Page - Fairchild Semiconductor FDC8602 Datasheet HTML 2Page - Fairchild Semiconductor FDC8602 Datasheet HTML 3Page - Fairchild Semiconductor FDC8602 Datasheet HTML 4Page - Fairchild Semiconductor FDC8602 Datasheet HTML 5Page - Fairchild Semiconductor FDC8602 Datasheet HTML 6Page - Fairchild Semiconductor FDC8602 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2011 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FDC8602 Rev.C
Figure 7.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
ID = 1.2 A
VDD = 75 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 50 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
0.1
1
10
500
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
0.1
1
2
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
0.1
1
10
100
400
0.005
0.01
0.1
1
10
100 us
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 180
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 11. Single Pulse Maximum Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
V
GS = 10 V
SINGLE PULSE
RθJA = 180
o
C/W
T
A = 25
o
C
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDC8602

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC8601 FAIRCHILD-FDC8601 Datasheet
249Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
More results

Similar Description - FDC8602

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
FDT86256 FAIRCHILD-FDT86256 Datasheet
251Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
FDS89141 FAIRCHILD-FDS89141 Datasheet
245Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 3.5 A, 62 m廓
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com