Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD7N60NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD7N60NZ
Description  N-Channel MOSFET 600V, 5.5A, 1.25?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N60NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD7N60NZ_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD7N60NZ_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDD7N60NZ / FDU7N60NZ Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
24
68
0.1
1
10
20
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250s Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0.1
1
10
30
0.1
1
10
20
*Notes:
1. 250s Pulse Test
2. TC = 25
o
C
VDS, Drain-Source Voltage[V]
VGS = 15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
5.0V
0.0
0.5
1.0
1.5
0.1
1
10
100
*Notes:
1. V
GS = 0V
2. 250s Pulse Test
150
o
C
V
SD
, Body Diode Forward Voltage [V]
25
o
C
03
69
12
0.5
1.0
1.5
2.0
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
10
-1
110
30
0
200
400
600
800
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
036
9
12
15
0
2
4
6
8
10
*Note: ID = 5.5A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Similar Part No. - FDD7N60NZ_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
More results

Similar Description - FDD7N60NZ_10

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC746N60J E-CMOS-EC746N60J Datasheet
417Kb / 5P
   600V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
285Kb / 10P
   N-Channel MOSFET 600V, 6.5A, 1.25?
logo
Renesas Technology Corp
N6504NZ RENESAS-N6504NZ Datasheet
303Kb / 8P
   N-channel MOSFET 650V, 5.5A, 2.1
Jun 10, 2013
logo
KIA Semiconductor Techn...
6N65H KIA-6N65H Datasheet
281Kb / 5P
   5.5A竊?50V N-CHANNEL MOSFET
logo
E-CMOS Corporation
EC744N65 E-CMOS-EC744N65 Datasheet
393Kb / 5P
   650V,5.5A N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
   N-Channel MOSFET 500V, 5.5A, 1.15廓
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com