Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6685 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD6685
Description  30V P-Channel PowerTrench횘 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6685 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD6685_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD6685 Rev D1
Typical Characteristics
0
10
20
30
40
0
1
2
3
-VDS, DRAIN-SOURCE VOLTAGE (V)
-6.0V
-5.0V
-4.5V
-3.5V
VGS = -10V
-4.0V
-3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
2
4
6
8
10
-ID, DRAIN CURRENT (A)
VGS = -3.5V
-5.0V
-6.0V
-8.0V
-10V
-4.5V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -11.0A
VGS = -10V
0
0.02
0.04
0.06
0.08
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -5.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
1
2
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDD6685_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FDD6685 BYCHIP-FDD6685 Datasheet
905Kb / 4P
   P-channel Enhancement Mode Power MOSFET
More results

Similar Description - FDD6685_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6630A FAIRCHILD-FDD6630A_11 Datasheet
115Kb / 5P
   30V N-Channel PowerTrench횘 MOSFET
logo
ON Semiconductor
FDS8958A-F085 ONSEMI-FDS8958A-F085 Datasheet
543Kb / 8P
   Dual N & P-Channel PowerTrench횘 MOSFET
September-2017, Rev. 1
FDS4480 ONSEMI-FDS4480 Datasheet
236Kb / 7P
   40V N-Channel PowerTrench횘 MOSFET
September-2017, Rev 4
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com