Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6685 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD6685
Description  30V P-Channel PowerTrench횘 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6685 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD6685_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDD6685 Rev D1
Typical Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, GATE CHARGE (nC)
ID = -11.0 A
VDS = 10V
20V
30V
0
600
1200
1800
2400
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
1000
0.01
0.10
1.00
10.00
100.00
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 96
oC/W
TA = 25
oC
10ms
1ms
100µs
10s
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
RqJA(t) = r(t) * RqJA
RqJA = 96 °C/W
T
J - TA = P * R
qJA(t)
Duty Cycle, D = t
1 / t2
P(pk)
t
1
t
2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - FDD6685_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDD6685_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6630A FAIRCHILD-FDD6630A_11 Datasheet
115Kb / 5P
   30V N-Channel PowerTrench횘 MOSFET
logo
ON Semiconductor
FDS8958A-F085 ONSEMI-FDS8958A-F085 Datasheet
543Kb / 8P
   Dual N & P-Channel PowerTrench횘 MOSFET
September-2017, Rev. 1
FDS4480 ONSEMI-FDS4480 Datasheet
236Kb / 7P
   40V N-Channel PowerTrench횘 MOSFET
September-2017, Rev 4
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com