Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-740B-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK672-740B-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-740B-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-740B-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-740B-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
STK672-740B-E
No. A1932-6/23
• Motor current peak value IOH setting
IOH=(Vref÷4.9) ÷Rs
The value of 4.9 in Equation above represents the Vref voltage as divided by a circuit inside the control IC.
Vref=(R02
÷ (R01+R02)) ×5V(or 3.3V)
Rs is an internal current detection resistor value of the hybrid IC.
Rs=0.089
Ω when using the STK672-740B-E
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
φA
13
Pin 5, phase A output
φAB
17
Pin 7, phase AB output
φB
12
Pin 3, phase B output
φBB
10
Pin 1, phase BB output
Low active (with a function to prevent simultaneous
ON of
φA and φAB, or φB and φBB)
RESETB
14
System reset
A reset is applied by a low level
ENABLE
15
A, AB, B, and, BB outputs cut off
A, AB, B, and BB outputs are cut off by a low level
Output Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
FAULT1
16
Monitor pin when any of motor terminal open, overcurrent,
or overheat is detected.
Low level is output when detected.
FAULT2
8
Monitor pin used when over-current detection or overheat
detection function is activated.
3 levels output
Note: See the timing chart for the concrete details on circuit operation.
IOH
0


Similar Part No. - STK672-740B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-740A-E SANYO-STK672-740A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-740A-E SANYO-STK672-740A-E Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-740A-E ONSEMI-STK672-740A-E Datasheet
142Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-740A-E SANYO-STK672-740A-E_11 Datasheet
158Kb / 19P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-740AN-E ONSEMI-STK672-740AN-E Datasheet
473Kb / 26P
   2-phase Stepper Motor Driver
March, 2014 Ver. 2.2a
More results

Similar Description - STK672-740B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com