Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX115LA Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX115LA
Description  5000-pixel X 3 line CCD Linear Sensor (Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX115LA Datasheet(HTML) 3 Page - Sony Corporation

  ILX115LA Datasheet HTML 1Page - Sony Corporation ILX115LA Datasheet HTML 2Page - Sony Corporation ILX115LA Datasheet HTML 3Page - Sony Corporation ILX115LA Datasheet HTML 4Page - Sony Corporation ILX115LA Datasheet HTML 5Page - Sony Corporation ILX115LA Datasheet HTML 6Page - Sony Corporation ILX115LA Datasheet HTML 7Page - Sony Corporation ILX115LA Datasheet HTML 8Page - Sony Corporation ILX115LA Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
ILX115LA
Input Clock Pulse Voltage
High level
Low level
Min.
4.75
–0.3
Typ.
5.0
0
Max.
5.25
0.1
Unit
V
V
Item
φ1, φ2, φ2L, φRS, φROG,
φCLP pulse voltage
Clock Frequency
Min.
Typ.
1
1
Max.
15
10
Unit
MHz
MHz
Item
Symbol
φ1, φ2, φ2L, φRS
φCLP
f
φ1, fφ2, fφ2L, fφRS
f
φCLP
Mode Description
Clamp circuit not used
Clamp circuit used
8pin
φCLP
VDD
φCLP
15pin SWCLP
GND
VDD
Pin condition


Similar Part No. - ILX115LA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX128MA SONY-ILX128MA Datasheet
170Kb / 15P
   5350-pixel X 6-line CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
   10700-pixel x 6-line CCD Linear Sensor (Color)
logo
List of Unclassifed Man...
ILX146K ETC1-ILX146K Datasheet
34Kb / 2P
   The Industrys First Digital Copier CCD Linear Sensor with RGB Adjacent 3-Line Plus Monochrome 1-Line 7600-Pixel Sensors
More results

Similar Description - ILX115LA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com