Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP038AN06A0 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP038AN06A0
Description  N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP038AN06A0 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDP038AN06A0_10 Datasheet HTML 2Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 3Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 4Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 5Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 6Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 7Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 8Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 9Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2010 Fairchild Semiconductor Corporation
FDP038AN06A0 / FDI038AN06A0 Rev. B2
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
VDD
Qg(TH)
VGS = 2V
Qgs2
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


Similar Part No. - FDP038AN06A0_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
More results

Similar Description - FDP038AN06A0_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDB070AN06_F085 FAIRCHILD-FDB070AN06_F085 Datasheet
731Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP038AN06A0 FAIRCHILD-FDP038AN06A0 Datasheet
280Kb / 10P
   N-Channel PowerTrench MOSFET 60V, 80A, 3.8m?
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com