Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMB3800N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMB3800N
Description  Dual N-Channel PowerTrench짰 MOSFET 30V, 4.8A, 40m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMB3800N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMB3800N_12 Datasheet HTML 1Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 2Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 3Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 4Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 5Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 6Page - Fairchild Semiconductor FDMB3800N_12 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDMB3800N Rev.C2
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0
2
4
6
8
10
0
0.25
0.5
0.75
1
1.25
VDS, DRAIN-SOURCE VOLTAGE (V)
2.5V
4.5V
VGS = 10V
3.0V
3.5V
6.0V
On Region Characteristics
Figure 2.
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0
2468
10
ID, DRAIN CURRENT (A)
VGS = 3.0V
6.0V
4.5V
10V
4.0V
3.5V
Normalized On - Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On - Resistance
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 4.8A
VGS = 10V
vs Junction Temperature
Figure 4.
0.022
0.032
0.042
0.052
0.062
0.072
0.082
0.092
0.102
23456
789
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.4A
TJ = 125
oC
TJ = 25
oC
On- Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0
3
6
9
12
15
1.5
2
2.5
3
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = -55
oC
25
oC
125
oC
VDS = 5V
Figure 6.
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TJ = 125
oC
25
oC
-55
oC
VGS = 0V
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMB3800N_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMB3800N_0610 FAIRCHILD-FDMB3800N_0610 Datasheet
320Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30V, 4.8A, 40m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com