Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC7208S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMC7208S
Description  Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7208S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMC7208S_12 Datasheet HTML 1Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 2Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 7Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 8Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2012
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDMC7208S Rev.C2
FDMC7208S
Dual N-Channel PowerTrench® MOSFET
Q1: 30 V, 12 A, 9.0 m
Ω Q2: 30 V, 16 A, 6.4 mΩ
Features
Q1: N-Channel
Max rDS(on) = 9.0 mΩ at VGS = 10 V, ID = 12 A
Max rDS(on) = 11.0 mΩ at VGS = 4.5 V, ID = 11 A
Q2: N-Channel
Max rDS(on) = 6.4 mΩ at VGS = 10 V, ID = 16 A
Max rDS(on) = 7.5 mΩ at VGS = 4.5 V, ID = 13.5 A
Termination is Lead-free and RoHS Compliant
General Description
This device includes two 30V N-Channel MOSFETs in a dual
Power 33 (3 mm X 3 mm MLP) package. The package is en-
hanced for exceptional thermal performance.
Applications
Computing
Communications
General Purpose Point of Load
Notebook System
D1
D2
S1
G1
S2
G2
Power 33
Pin 1
S1
S1
S2
S2
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Q1
Q2
Units
VDS
Drain to Source Voltage
30
30
V
VGS
Gate to Source Voltage
(Note 4)
±20
±12
V
ID
Drain Current
-Continuous (Package limited)
TC = 25 °C
22
26
A
-Continuous
TA = 25 °C
121a
161b
-Pulsed
60
80
EAS
Single Pulse Avalanche Energy
(Note 3)
21
21
mJ
PD
Power Dissipation for Single Operation
TA = 25 °C
1.91a
1.91b
W
Power Dissipation for Single Operation
TA = 25 °C
0.81c
0.81d
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient
651a
651b
°C/W
RθJA
Thermal Resistance, Junction to Ambient
1551c
1551d
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMC7208S
FDMC7208S
Power 33
13 ”
12 mm
3000 units


Similar Part No. - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
More results

Similar Description - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
FDMS7606 FAIRCHILD-FDMS7606 Datasheet
379Kb / 11P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 11.4 m廓 Q2: 30 V, 22 A, 11.6 m廓
FDS8958B FAIRCHILD-FDS8958B Datasheet
434Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m廓 Q2-P-Channel: -30 V, -4.5 A, 51 m廓
FDMS7620S FAIRCHILD-FDMS7620S Datasheet
364Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 10.1 A, 20.0 m廓 Q2: 30 V, 12.4 A, 11.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDC8878 FAIRCHILD-FDC8878 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
FDMA3028N FAIRCHILD-FDMA3028N Datasheet
284Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 3.8 A, 68 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com