Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CR61E106K Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # GRM31CR61E106K
Description  2A, 24V, 1.2MHz Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR61E106K Datasheet(HTML) 4 Page - Richtek Technology Corporation

  GRM31CR61E106K Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR61E106K Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8271
4
DS8271-02 March 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VFB
4.75V
≤ VIN ≤ 24V
0.902
0.92
0.938
V
High Side Switch-On Resistance
RDS(ON)1
--
0.18
--
Ω
Low Side Switch-On Resistance
RDS(ON)2
--
10
--
Ω
Switch Leakage
VEN = 0V, VSW = 0V
--
--
10
μA
Current Limit
ILIM
Duty = 75%; VBOOT−SW = 4.8V
--
3
--
A
Current Sense Transconductance
GCS
Output Current to VCOMP
--
2.5
--
A/V
Error Amplifier Tansconductance
Gm
ΔIC = ±10μA
620
920
1220
μA/V
Oscillator Frequency
fSW
--
1.2
--
MHz
Short Circuit Oscillation Frequency
VFB = 0V
--
440
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
--
75
--
%
Minimum On-Time
tON
--
90
--
ns
Under Voltage Lockout Threshold
Rising
3.8
4.2
4.5
V
Under Voltage Lockout Threshold
Hysteresis
--
250
--
mV
(VIN = 12V, TA = 25
°C unless otherwise specified)
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 26V
Switching Voltage, SW -------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------ (VSW
− 0.3V) to (VSW + 6V)
The Other Pins Voltage -------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25°C
SOP-8 ---------------------------------------------------------------------------------------------------------- 0.833W
MSOP-10 (Exposed Pad) ---------------------------------------------------------------------------------- 1.163W
Package Thermal Resistance (Note 2)
SOP-8,
θJA ---------------------------------------------------------------------------------------------------- 120°C/W
MSOP-10 (Exposed Pad),
θJA ---------------------------------------------------------------------------- 86°C/W
MSOP-10 (Exposed Pad),
θJC ---------------------------------------------------------------------------- 30°C/W
Junction Temperature --------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 4.75V to 24V
Enable Voltage, VEN ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------
40°C to 85°C
To be continued


Similar Part No. - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR61E106K MURATA-GRM31CR61E106K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 25V
logo
Richtek Technology Corp...
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
GRM31CR61E106K RICHTEK-GRM31CR61E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - GRM31CR61E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com