Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8282B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8282B
Description  2A, 23V, 1.2MHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8282B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8282B Datasheet HTML 3Page - Richtek Technology Corporation RT8282B Datasheet HTML 4Page - Richtek Technology Corporation RT8282B Datasheet HTML 5Page - Richtek Technology Corporation RT8282B Datasheet HTML 6Page - Richtek Technology Corporation RT8282B Datasheet HTML 7Page - Richtek Technology Corporation RT8282B Datasheet HTML 8Page - Richtek Technology Corporation RT8282B Datasheet HTML 9Page - Richtek Technology Corporation RT8282B Datasheet HTML 10Page - Richtek Technology Corporation RT8282B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT8282B
7
DS8282B-01
March 2011
www.richtek.com
Current Limit VS. Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
255075
100
125
Temprature (°C)
VIN = 12V, VOUT = 3.3V
Current Limit vs. Duty Cycle
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
203040
5060
7080
Duty Cycle (%)
VIN = 4.5V to 23V, VOUT = 3.3V
Load Transient Response
Time (100
μs/Div)
VOUT
(50mV/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 1A to 2A
Switching
Time (500ns/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 2A
IL
(1A/Div)
VOUT
(10mV/Div)
VSW
(10V/Div)
Load Transient Response
Time (100
μs/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 0A to 2A
IOUT
(2A/Div)
VOUT
(50mV/Div)
Output Current Limit vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4
6
8
101214
161820
2224
Input Voltage (V)
VOUT = 1.2V
VOUT = 3.3V (Add Bootstrap Diode)
VOUT = 3.3V


Similar Part No. - RT8282B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8282B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com