Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CR60J476M Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # GRM31CR60J476M
Description  2A, 24V, 3MHz Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR60J476M Datasheet(HTML) 1 Page - Richtek Technology Corporation

  GRM31CR60J476M Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8278
1
DS8278-02 March 2011
www.richtek.com
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
Applications
DSL Modem for ADSL2+ Standard
Distributed Power Systems
Pre-Regulator for Linear Regulators
SOP8 (Exposed Pad)
2A, 24V, 3MHz Step-Down Converter
General Description
The RT8278 is a high voltage buck converter that can
support an input voltage range from 4.5V to 24V with output
current up to 2A. Current mode operation provides fast
transient response and eases loop stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator only draws 25
μA of
supply current. The RT8278 is available in a SOP-8
(Exposed Pad) package.
Features
Wide Operating Input Range : 4.5V to 24V
Adjustable Output Voltage Range : 0.8V to 15V
Output Current up to 2A
25
μμμμμA Low Shutdown Current
High Efficiency up to 90% at 2.2MHz
Programmable Frequency : 220kHz to 3MHz
Internal Soft-Start
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Typical Application Circuit
BOOT
VIN
SW
GND
RT
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Ordering Information
Marking Information
RT8278
GSPYMDNN
RT8278GSP : Product Number
YMDNN : Date Code
4.5V to 24V
NC
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
2.2µH
10nF
22µF
R1
31.6k
R2
10k
VOUT
3.3V/2A
10µF
Chip Enable
VIN
RT8278
D
B220A
RT
8
RRT
24K
COMP
CC
1nF
RC
36k
CP
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8278
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR60J476M MURATA-GRM31CR60J476M Datasheet
35Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
   3MHz 2A Step-Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
   3MHz,Fast Transient 2A Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
   2A, 24V, 400kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
   2A, 24V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com