Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7263B Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation RT7263B Datasheet HTML 10Page - Richtek Technology Corporation RT7263B Datasheet HTML 11Page - Richtek Technology Corporation RT7263B Datasheet HTML 12Page - Richtek Technology Corporation RT7263B Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT7263B
9
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
Power Off from EN
VIN = 12V, VOUT = 1.2V, IOUT = 3A
VOUT
(1V/Div)
VEN
(5V/Div)
IL
(5A/Div)
VSW
(20V/Div)
Time (2.5ms/Div)
Power On from EN
VIN = 12V, VOUT = 1.2V, IOUT = 3A
VOUT
(1V/Div)
VEN
(5V/Div)
IL
(5A/Div)
VSW
(20V/Div)
Time (25ms/Div)
Power Off from VIN
VIN = 12V, VOUT = 1.2V, IOUT = 3A
VOUT
(1V/Div)
VIN
(10V/Div)
IL
(5A/Div)
VSW
(20V/Div)
Time (5ms/Div)
Power On from VIN
VIN = 12V, VOUT = 1.2V, IOUT = 3A
VOUT
(1V/Div)
VIN
(10V/Div)
IL
(5A/Div)
VSW
(20V/Div)


Similar Part No. - RT7263B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7263B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
   21V, 3A 500kHz Synchronous Step-down Converter EV Board
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
   21V, 3A, 500kHz Synchronous Step-Down Coverter
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
   High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
   21V, 3A 500kHz Synchronous Step-Down Coverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com