Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX508A Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX508A
Description  7926-pixel CCD Linear Image Sensor (B/W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX508A Datasheet(HTML) 1 Page - Sony Corporation

  ILX508A Datasheet HTML 1Page - Sony Corporation ILX508A Datasheet HTML 2Page - Sony Corporation ILX508A Datasheet HTML 3Page - Sony Corporation ILX508A Datasheet HTML 4Page - Sony Corporation ILX508A Datasheet HTML 5Page - Sony Corporation ILX508A Datasheet HTML 6Page - Sony Corporation ILX508A Datasheet HTML 7Page - Sony Corporation ILX508A Datasheet HTML 8Page - Sony Corporation ILX508A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The ILX508A is a reduction type CCD linear sensor
developed for high resolution copiers. This sensor
reads A3-size documents at a density of 600 DPI (Dot
Per Inch). A built-in timing generator and clock-drivers
ensure direct drive at 5V logic for easy use. In
addition reset pulse can switch between internal
generation and external input.
Features
• Number of effective pixels: 7926 pixels
• Pixel size: 7µm
× 7µm (7µm pitch)
• Built-in timing generator and clock-drivers
• Ultra high sensitivity
• Ultra low lag/low dark voltage
• Output method
• Maximum operating frequency: 12.5MHz
Absolute Maximum Ratings
• Supply voltage
VDD1
11
V
VDD2
6V
• Operation temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
– 1 –
ILX508A
E96X33-PS
7926-pixel CCD Linear Image Sensor (B/W)
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
24 pin DIP (Ceramic)
φCLK
24
23
22 RS/SH
VDD1
21
20 VDD1
19 GND
VDD2
18
17 GND
16 T4
T3
15
14 T2
13 NC
VDD1
1
2
3
4
5
6
7
8
9
10
11
12
VGG
VDD1
VOUT
GND
φROG
VDD2
VDD2
RSSW
T1
GND
NC
GND
1
7926
For the availability of this product, please contact the sales office.


Similar Part No. - ILX508A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503 SONY-ILX503 Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
   5000-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX508A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
   3918-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
   5000-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX526A SONY-ILX526A Datasheet
204Kb / 13P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com