Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX508A Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX508A
Description  7926-pixel CCD Linear Image Sensor (B/W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX508A Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX508A Datasheet HTML 6Page - Sony Corporation ILX508A Datasheet HTML 7Page - Sony Corporation ILX508A Datasheet HTML 8Page - Sony Corporation ILX508A Datasheet HTML 9Page - Sony Corporation ILX508A Datasheet HTML 10Page - Sony Corporation ILX508A Datasheet HTML 11Page - Sony Corporation ILX508A Datasheet HTML 12Page - Sony Corporation ILX508A Datasheet HTML 13Page - Sony Corporation ILX508A Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
– 11 –
ILX508A
400
500
600
700
800
900
1000
1.0
0.8
0.6
0.4
0.2
0
Wavelength [nm]
Spectral sensitivity characteristics (Standard characteristics)
0
0.1
10
20
30
40
60
0.5
1
5
10
Ta – Ambient temperature [°C]
Dark signal output temperature characteristics
(Typical characteristics)
50
1
0.1
10
0.5
1
τ int – integration time [ms]
5
0
0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
Normalized spatial frequency
Spatial frequency [cycle/mm]
0
14.3
28.6
42.9
57.1
71.4
MTF of main scanning direction (Standard characteristics)
Integration time output voltage characteristics
(Typical characteristics)
Example of Representative Characteristics (VDD1 = 9V, VDD2 = 5V, Ta = 25°C)


Similar Part No. - ILX508A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503 SONY-ILX503 Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
   5000-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX508A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
   3918-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
   5000-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX526A SONY-ILX526A Datasheet
204Kb / 13P
   3000-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com