Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7270 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7270
Description  3A, 18V, 340kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7270 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7270 Datasheet HTML 4Page - Richtek Technology Corporation RT7270 Datasheet HTML 5Page - Richtek Technology Corporation RT7270 Datasheet HTML 6Page - Richtek Technology Corporation RT7270 Datasheet HTML 7Page - Richtek Technology Corporation RT7270 Datasheet HTML 8Page - Richtek Technology Corporation RT7270 Datasheet HTML 9Page - Richtek Technology Corporation RT7270 Datasheet HTML 10Page - Richtek Technology Corporation RT7270 Datasheet HTML 11Page - Richtek Technology Corporation RT7270 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT7270
8
DS7270-01
September 2012
www.richtek.com
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Power On from EN
Time (5ms/Div)
VOUT
(2V/Div)
VEN
(5V/Div)
IL
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
Power Off from EN
Time (5ms/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VOUT
(2V/Div)
VEN
(5V/Div)
IL
(2A/Div)
Power On from VIN
Time (5ms/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
IL
(2A/Div)
VOUT
(2V/Div)
VIN
(5V/Div)
Power Off from VIN
Time (5ms/Div)
IL
(2A/Div)
VOUT
(2V/Div)
VIN
(5V/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A


Similar Part No. - RT7270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
   6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272BGSP RICHTEK-RT7272BGSP Datasheet
641Kb / 11P
   Evaluation Board
More results

Similar Description - RT7270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com