Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDME510PZT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDME510PZT
Description  P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDME510PZT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDME510PZT Datasheet HTML 1Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 2Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 3Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 4Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 5Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 6Page - Fairchild Semiconductor FDME510PZT Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2011 Fairchild Semiconductor Corporation
FDME510PZT Rev.C1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = -250 μA, VGS = 0 V
-20
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = -250 μA, referenced to 25 °C
-13
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
μA
IGSS
Gate to Source Leakage Current
VGS = ±8 V, VDS = 0 V
±10
μA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250 μA
-0.4
-0.5
-1.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250 μA, referenced to 25 °C
3
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -4.5 V, ID = -5 A
31
37
m
Ω
VGS = -2.5 V, ID = -4 A
38
50
VGS = -1.8 V, ID = -3 A
48
65
VGS = -1.5 V, ID = -2 A
57
100
VGS = -4.5 V, ID = -5 A ,
TJ = 125 °C
40
60
gFS
Forward Transconductance
VDS = -5 V, ID = -5 A
21
S
Ciss
Input Capacitance
VDS = -10 V, VGS = 0 V,
f = 1 MHz
1120
1490
pF
Coss
Output Capacitance
155
210
pF
Crss
Reverse Transfer Capacitance
140
210
pF
td(on)
Turn-On Delay Time
VDD = -10 V, ID = -5 A
VGS = -4.5 V, RGEN = 6 Ω
6.5
13
ns
tr
Rise Time
10
16
ns
td(off)
Turn-Off Delay Time
93
149
ns
tf
Fall Time
54
86
ns
Qg
Total Gate Charge
VDD = -10 V, ID = -5 A
VGS = -4.5 V
16
22
nC
Qgs
Gate to Source Gate Charge
1.6
nC
Qgd
Gate to Drain “Miller” Charge
4
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = -1.6 A
(Note 2)
-0.6
-1.2
V
trr
Reverse Recovery Time
IF = -5 A, di/dt = 100 A/μs
38
61
ns
Qrr
Reverse Recovery Charge
16
29
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. The diode connected between the gate and source serves only as protection ESD. No gate overvoltage rating is implied.
a. 60 °C/W when mounted on
a 1 in2 pad of 2 oz copper.
b. 175 °C/W when mounted on a
minimum pad of 2 oz copper.


Similar Part No. - FDME510PZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDME1024NZT FAIRCHILD-FDME1024NZT Datasheet
269Kb / 7P
   Dual N-Channel PowerTrench MOSFET 20 V, 3.8 A, 66 m
FDME1024NZT FAIRCHILD-FDME1024NZT Datasheet
269Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDME1034CZT FAIRCHILD-FDME1034CZT Datasheet
276Kb / 11P
   Complementary PowerTrench짰 MOSFET N-channel: 20 V, 3.8 A, 66 m廓 P-channel: -20 V, -2.6 A, 142 m廓
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
More results

Similar Description - FDME510PZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
FDB3860 FAIRCHILD-FDB3860 Datasheet
303Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 37 m廓
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMA6023PZT FAIRCHILD-FDMA6023PZT Datasheet
366Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
FDME1034CZT FAIRCHILD-FDME1034CZT Datasheet
276Kb / 11P
   Complementary PowerTrench짰 MOSFET N-channel: 20 V, 3.8 A, 66 m廓 P-channel: -20 V, -2.6 A, 142 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDME430NT FAIRCHILD-FDME430NT Datasheet
264Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 6 A, 40 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com