Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX516K Datasheet(PDF) 9 Page - Sony Corporation

Part # ILX516K
Description  3648 X 3pixel CCD Linear Sensor (Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX516K Datasheet(HTML) 9 Page - Sony Corporation

Back Button ILX516K Datasheet HTML 3Page - Sony Corporation ILX516K Datasheet HTML 4Page - Sony Corporation ILX516K Datasheet HTML 5Page - Sony Corporation ILX516K Datasheet HTML 6Page - Sony Corporation ILX516K Datasheet HTML 7Page - Sony Corporation ILX516K Datasheet HTML 8Page - Sony Corporation ILX516K Datasheet HTML 9Page - Sony Corporation ILX516K Datasheet HTML 10Page - Sony Corporation ILX516K Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
– 9 –
ILX516K
Notes of Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non chargeable gloves, clothes or material.
Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensor.
e) For the shipment of mounted substrates, use boxes treated for prevention of static charges.
2) Notes on Handling CCD Cer-DIP Packages
The following points should be observed when handling and installing cer-DIP packages.
a) Remain within the following limits when applying static load to the ceramic portion of the package:
(1) Compressive strength: 39N/surface (Do not apply load more than 0.7mm inside the outer perimeter of
the glass portion.)
(2) Shearing strength: 29N/surface
(3) Tensile strength: 29N/surface
(4) Torsional strength: 0.9Nm
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be
generated and the package may fracture, etc., depending on the flatness of the ceramic portion.
Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive.
c) Be aware that any of the following can cause the glass to crack: because the upper and lower ceramic
layers are shielded by low-melting glass,
(1) Applying repetitive bending stress to the external leads.
(2) Applying heat to the external leads for an extended period of time with soldering iron.
(3) Rapid cooling or heating
(4) Rapid cooling or impact to a limited portion of the low-melting glass with a small-tipped tool such as
tweezers.
(5) Prying the upper or lower ceramic layers away at a support point of the low-melting glass.
Note that the preceding notes should also be observed when removing a component from a board after it
has already been soldered.
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficiently.
c) To dismount an imaging device, do not use a solder suction equipment. When using an electric
desoldering tool, ground the controller. For the control system, use a zero cross type.
29N
29N
0.9Nm
(2)
(3)
(4)
39N
Low-melting glass
(1)
Upper ceramic layer
lower ceramic layer


Similar Part No. - ILX516K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
   5150-pixel CCD Linear Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
   3918-pixel CCD Linear Image Sensor (B/W)
ILX518 SONY-ILX518 Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX516K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
   3648 X 3pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
   7078 X 3pixel CCD Linear Sensor (Color)
ILX522K SONY-ILX522K Datasheet
180Kb / 12P
   2048 X 2pixel CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX734K SONY-ILX734K Datasheet
186Kb / 11P
   10500 X 3 pixel CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
   10700-pixel x 6-line CCD Linear Sensor (Color)
logo
NEC
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com