Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8253A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8253A
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8253A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8253A Datasheet HTML 1Page - Richtek Technology Corporation RT8253A Datasheet HTML 2Page - Richtek Technology Corporation RT8253A Datasheet HTML 3Page - Richtek Technology Corporation RT8253A Datasheet HTML 4Page - Richtek Technology Corporation RT8253A Datasheet HTML 5Page - Richtek Technology Corporation RT8253A Datasheet HTML 6Page - Richtek Technology Corporation RT8253A Datasheet HTML 7Page - Richtek Technology Corporation RT8253A Datasheet HTML 8Page - Richtek Technology Corporation RT8253A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8253A
3
DS8253A-02 March 2011
www.richtek.com
Function Block Diagram
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
340kHz / 110kHz
Foldback
Control
0.4V
Internal
Regulator
+
-
2.7V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
5k
VA VCC
6µA
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
85m
Ω
85m
Ω


Similar Part No. - RT8253A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - RT8253A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com