Electronic Components Datasheet Search |
|
1111839 Datasheet(PDF) 9 Page - Tyco Electronics |
|
1111839 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 85 page HX-SCE Low fire hazard heat-shrinkable wire identification sleeves 9 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering D (min) d (max) Recommended description as supplied after recovery use range mm inches mm inches mm inches HX-SCE-1K- 2.4 - 50- <color> 2.40 0.094 1.19 0.047 1.27 - 1.90 0.050 - 0.075 HX-SCE-1K- 3.2 - 50- <color> 3.20 0.126 1.58 0.060 1.765 - 2.66 0.069 - 0.105 HX-SCE-1K- 4.8 - 50- <color>> 4.80 0.189 2.36 0.090 2.54 - 4.06 0.100 - 0.160 HX-SCE-1K- 6.4 - 50- <color> 6.40 0.250 3.18 0.125 3.81 - 5.46 0.150 - 0.215 HX-SCE-1K- 9.5 - 50- <color> 9.50 0.375 4.75 0.187 5.59 - 8.12 0.220 - 0.320 HX-SCE-1K- 12.7 - 50- <color> 12.70 0.500 6.35 0.250 6.99 - 10.79 0.275 - 0.425 HX-SCE-1K- 19.0 - 50- <color> 19.00 0.730 9.53 0.375 10.16 - 16.25 0.400 - 0.640 HX-SCE-1K- 25.4 - 50- <color> 25.40 1.000 12.70 0.500 14.29 - 21.59 0.563 - 0.850 HX-SCE-1K- 38.1 - 50- <color> 38.10 1.500 19.05 0.750 20.95 - 33.02 0.825 - 1.300 Options Prescoring Perforated score to produce multiple marker sleeves from each HX-SCE sleeve. Nonstandard Side scored Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package sizes Standard 1K - 1000 piece packages available for all HX-SCE sizes up to 25.4 Nonstandard 2.5K - 2500 pieces available for 4.8 and 6.4 HX-SCE sizes 5K - 5000 pieces available for 2.4 and 3.2 HX-SCE sizes 250 piece package available for all HX-SCE sizes Colors Standard Yellow White Code 4 9 Nonstandard Red Green Blue Orange Code 2 5 6 3 Ordering information: Specify product name, pack size, sleeve size, prescore, format and color. Ordering example: HX-SCE-1K--50-S1-4 |
Similar Part No. - 1111839 |
|
Similar Description - 1111839 |