Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX523A Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX523A
Description  2700 pixel CCD Linear Sensor (B/W)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX523A Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX523A Datasheet HTML 5Page - Sony Corporation ILX523A Datasheet HTML 6Page - Sony Corporation ILX523A Datasheet HTML 7Page - Sony Corporation ILX523A Datasheet HTML 8Page - Sony Corporation ILX523A Datasheet HTML 9Page - Sony Corporation ILX523A Datasheet HTML 10Page - Sony Corporation ILX523A Datasheet HTML 11Page - Sony Corporation ILX523A Datasheet HTML 12Page - Sony Corporation ILX523A Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
ILX523A
Notes on Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non chargeable gloves, clothes or material.
Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensor.
e) For the shipment of mounted substrates, use boxes treated for prevention of static charges.
2) Notes on Handling CCD Cer-DIP Packages
The following points should be observed when handling and installing Cer-DIP packages.
a) Remain within the following limits when applying static load to the ceramic portion of the package:
(1) Compressive strength: 39N/surface (Do not apply load more than 0.7mm inside the outer perimeter of
the glass portion.)
(2) Shearing strength: 29N/surface
(3) Tensile strength: 29N/surface
(4) Torsional strength: 0.9Nm
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be
generated and the package may fracture, etc., depending on the flatness of the ceramic portion.
Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive.
c) Be aware that any of the following can cause the glass to crack: because the upper and lower ceramic
layers are shielded by low-melting glass,
(1) Applying repetitive bending stress to the external leads.
(2) Applying heat to the external leads for an extended period of time with soldering iron.
(3) Rapid cooling or heating.
(4) Rapid cooling or impact to a limited portion of the low-melting glass with a small-tipped tool such as
tweezers.
(5) Prying the upper or lower ceramic layers away at a support point of the low-melting glass.
Note that the preceding notes should also be observed when removing a component from a board after it
has already been soldered.
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficiently.
c) To dismount an imaging device, do not use a solder suction equipment. When using an electric
desoldering tool, ground the controller. For the control system, use a zero cross type.
29N
29N
0.9Nm
(2)
(3)
(4)
39N
Low-melting glass
(1)
Upper ceramic layer
Lower ceramic layer


Similar Part No. - ILX523A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX520K SONY-ILX520K Datasheet
122Kb / 10P
   7078 X 3pixel CCD Linear Sensor (Color)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX523A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
   5150-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
   5150-pixel CCD Linear Sensor B W
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
   5150-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com