Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8570S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS8570S
Description  N-Channel PowerTrench짰 SyncFETTM 25 V, 60 A, 2.8 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8570S Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS8570S Datasheet HTML 1Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 2Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 3Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 4Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 5Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 6Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 7Page - Fairchild Semiconductor FDMS8570S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
FDMS8570S Rev.D1
www.fairchildsemi.com
6
SyncFETTM Schottky body diode
Characteristics
Fairchild’s SyncFETTM process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverse recovery
characteristic of the FDMS8570S.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
0
50
100
150
200
250
-5
0
5
10
15
20
25
30
di/dt = 300 A/μs
TIME (ns)
0
5
10
15
20
25
10
-6
10
-5
10
-4
10
-3
10
-2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
Typical Characteristics (continued)
Figure 14. FDMS8570S SyncFETTM body
diode reverse recovery characteristic
Figure 15. SyncFETTM body diode reverse
leakage versus drain-source voltage


Similar Part No. - FDMS8570S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8570SDC FAIRCHILD-FDMS8570SDC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results

Similar Description - FDMS8570S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS8560S FAIRCHILD-FDMS8560S Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 70 A, 1.8 m廓
FDMS8558SDC FAIRCHILD-FDMS8558SDC Datasheet
278Kb / 9P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 90 A, 1.5 m廓
FDMC2512SDC FAIRCHILD-FDMC2512SDC Datasheet
298Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 25 V, 40 A, 2.0 m廓
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7660 FAIRCHILD-FDMS7660 Datasheet
296Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 2.8 m廓
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
FDMC7572S FAIRCHILD-FDMC7572S Datasheet
323Kb / 8P
   N-Channel Power Trench짰 SyncFETTM 25 V, 40 A, 3.15 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com