Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8622 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMS8622
Description  N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8622 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMS8622 Datasheet HTML 1Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 2Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 3Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 4Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 5Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 6Page - Fairchild Semiconductor FDMS8622 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
FDMS8622 Rev.C
Figure 7.
02
46
0
2
4
6
8
10
ID = 4.8 A
VDD = 75 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 50 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
500
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
1
2
4
6
8
10
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
1
2
3
4
5
VGS = 6 V
RθJA = 50
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
500
0.01
0.1
1
10
100
100 us
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Figure 12.
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
1000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMS8622

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
FDMS86200DC FAIRCHILD-FDMS86200DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMS86201 FAIRCHILD-FDMS86201 Datasheet
221Kb / 7P
   N-Channel PowerTrench짰 MOSFET 120 V, 35 A, 11.5 m
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
More results

Similar Description - FDMS8622

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8622 FAIRCHILD-FDMC8622 Datasheet
343Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16 A, 56 m
FDMS86102LZ FAIRCHILD-FDMS86102LZ Datasheet
306Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 22 A, 25 m廓
FDMC86102 FAIRCHILD-FDMC86102 Datasheet
349Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMC86102 FAIRCHILD-FDMC86102_12 Datasheet
283Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
FDS86106 FAIRCHILD-FDS86106 Datasheet
262Kb / 6P
   N-Channel Power Trench짰 MOSFET 100 V, 3.4 A, 105 m廓
FDMC8884 FAIRCHILD-FDMC8884_12 Datasheet
358Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 15 A, 19 m廓
FDMS86101DC FAIRCHILD-FDMS86101DC Datasheet
291Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 100 V, 60 A, 7.5 m廓
logo
ON Semiconductor
HUF75639G3 ONSEMI-HUF75639G3 Datasheet
532Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 56 A, 25 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com