Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS86520L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS86520L
Description  N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86520L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS86520L Datasheet HTML 1Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 2Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 3Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 4Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 5Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 6Page - Fairchild Semiconductor FDMS86520L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2011
©2011 Fairchild Semiconductor Corporation
FDMS86520L Rev.C
www.fairchildsemi.com
1
FDMS86520L
N-Channel PowerTrench® MOSFET
60 V, 22 A, 8.2 m
Ω
Features
Max rDS(on) = 8.2 mΩ at VGS = 10 V, ID = 13.5 A
Max rDS(on) = 11.7 mΩ at VGS = 4.5 V, ID = 11.5 A
Advanced package and silicon combination for low rDS(on) and
high efficiency
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency and to minimize switch node
ringing of DC/DC converters using either synchronous or
conventional switching PWM controllers.It has been optimized
for low gate charge, low rDS(on), fast switching speed and body
diode reverse recovery performance.
Applications
Primary Switch in isolated DC-DC
Synchronous Rectifier
Load Switch
Power 56
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
22
A
-Continuous (Silicon limited)
TC = 25 °C
71
-Continuous
TA = 25 °C
(Note 1a)
13.5
-Pulsed
60
EAS
Single Pulse Avalanche Energy
(Note 3)
91
mJ
PD
Power Dissipation
TC = 25 °C
69
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.8
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS86520L
FDMS86520L
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS86520L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
More results

Similar Description - FDMS86520L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC89521L FAIRCHILD-FDMC89521L Datasheet
310Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 60 V, 8.2 A, 17 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMQ86530L FAIRCHILD-FDMQ86530L Datasheet
261Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 8 A, 17.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
logo
Fairchild Semiconductor
FDS86540 FAIRCHILD-FDS86540 Datasheet
262Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86540 FAIRCHILD-FDMS86540 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
logo
ON Semiconductor
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com