Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX533K Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX533K
Description  2700 pixel X 3 line CCD Linear Sensor (Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX533K Datasheet(HTML) 3 Page - Sony Corporation

  ILX533K Datasheet HTML 1Page - Sony Corporation ILX533K Datasheet HTML 2Page - Sony Corporation ILX533K Datasheet HTML 3Page - Sony Corporation ILX533K Datasheet HTML 4Page - Sony Corporation ILX533K Datasheet HTML 5Page - Sony Corporation ILX533K Datasheet HTML 6Page - Sony Corporation ILX533K Datasheet HTML 7Page - Sony Corporation ILX533K Datasheet HTML 8Page - Sony Corporation ILX533K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
ILX533K
Electrooptical Characteristics (Note 1)
Ta = 25°C, VDD = 12V, f
φRS = 1MHz, Input clock = 5Vp-p,
Light source = 3200K, IR cut filter CM-500S (t = 1.0mm)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Sensitivity
Sensitivity nonuniformity
Saturation output voltage
Saturation
exposure
Dark voltage average
Dark signal nonuniformity
Image lag
Supply current
Total transfer efficiency
Output impedance
Offset level
RR
RG
RB
PRNU
VSAT
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
ZO
VOS
6.2
12.3
7.5
2.0
0.15
0.10
0.12
92
9.5
19
11.5
4
2.5
0.26
0.13
0.21
2
4
0.02
30
98
300
6.3
12.8
25.6
15.5
20
5
12
50
V/(lx · s)
%
V
lx · s
mV
mV
%
mA
%
V
Note 2
Note 3
Note 4
Note 5
Note 6
Note 6
Note 7
Note 8
Red
Green
Blue
Red
Green
Blue
Note
1) In accordance with the given electrooptical characteristics, the black level is defined as the average value
of D2, D3 to D12.
2) For the sensitivity test light is applied with a uniform intensity of illumination.
3) PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT-G = 500mV (Typ.)
PRNU =
× 100 [%]
Where the 2700 pixels are divided into blocks of 100. The maximum output of each block is set to VMAX,
the minimum output to VMIN and the average output to VAVE.
4) Use below the minimum value of the saturation output voltage.
5) Saturation exposure is defined as follows.
SE =
Where R indicates RR, RG, RB, and SE indicates SER, SEG, SEB.
6) Optical signal accumulated time
τ int stands at 5ms.
7) VOUT-G = 500mV (Typ.)
8) Vos is defined as the right side.
VOUT indicates VOUT-R, VOUT-G, and VOUT-B.
(VMAX – VMIN) /2
VAVE
VOS
VOUT
GND
VSAT
R


Similar Part No. - ILX533K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX533K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
   10680 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com