Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP030N06B Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP030N06B
Description  N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP030N06B Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDP030N06B Datasheet HTML 1Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 2Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 3Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 4Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 5Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 6Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 7Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 8Page - Fairchild Semiconductor FDP030N06B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FDP030N06B_F102 Rev.C0
www.fairchildsemi.com
7
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
• I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
• I
SD controlled by pulse period
VDD
L
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FDP030N06B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP030N06 FAIRCHILD-FDP030N06 Datasheet
487Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2m?
logo
Inchange Semiconductor ...
FDP030N06 ISC-FDP030N06 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com