Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32ER71H475K Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # GRM32ER71H475K
Description  5A, 32V, 500kHz Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM32ER71H475K Datasheet(HTML) 2 Page - Richtek Technology Corporation

  GRM32ER71H475K Datasheet HTML 1Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 2Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 3Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 4Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 5Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 6Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 7Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 8Page - Richtek Technology Corporation GRM32ER71H475K Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8289
2
DS8289-01 March 2011
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
BOOT
High Side Gate Drive Bootstrap Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 10nF or greater capacitor from SW to BOOT to
power the high side switch.
2, 3
NC
No Internal Connection.
4
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB
with a resistive voltage divider from the output voltage. The value of the divider
resistors also sets loop bandwidth. The feedback threshold is 1.222V.
5
EN
Chip Enable (Active High). EN is a digital input that turns the regulator on or off.
Drive EN higher than 1.4V to turn on the regulator, lower than 0.4V to turn it off.
For automatic startup, leave EN unconnected.
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
7
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down
converter switches. Drive VIN with a 5.5V to 32V power source. Bypass VIN to
GND with a suitably large capacitor to eliminate noise on the input to the IC.
8
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. Note that a
capacitor is required from SW to BOOT to power the high side switch.
S
Q
R
Driver
Bootstrap
Control
-
+
Current Sense
Amplifier
PWM
Comparator
Oscillator
500kHz
Ramp
Generator
Regulator
Reference
+
-
12k
Error
Amplifier
30pF
400k
13pF
SW
BOOT
FB
EN
VIN
GND
+
-
OC Limit
Clamp


Similar Part No. - GRM32ER71H475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER71H475K MURATA-GRM32ER71H475K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X7R 4.7關F 50V
logo
Richtek Technology Corp...
GRM32ER71H475K RICHTEK-GRM32ER71H475K Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
GRM32ER71H475K RICHTEK-GRM32ER71H475K Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
STMicroelectronics
GRM32ER71H475K STMICROELECTRONICS-GRM32ER71H475K Datasheet
784Kb / 43P
   3 A step-down switching regulator
logo
Richtek Technology Corp...
GRM32ER71H475K RICHTEK-GRM32ER71H475K Datasheet
183Kb / 16P
   3A, 30V, 500kHz Synchronous Step-Down Converter
November 2019
More results

Similar Description - GRM32ER71H475K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
   High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com