Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CR60J476M Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # GRM31CR60J476M
Description  5A, 32V, 500kHz Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

GRM31CR60J476M Datasheet(HTML) 5 Page - Richtek Technology Corporation

  GRM31CR60J476M Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT8289
5
DS8289-01 March 2011
www.richtek.com
Frequency vs. Input Voltage
450
460
470
480
490
500
510
520
530
540
550
4
8
12
16
20
24
28
32
Input Voltage (V)
Frequency vs. Temperature
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
25
50
75
100
125
Temperature (°C)
Reference Voltage vs. Temperature
1.210
1.212
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
-50
-25
0
25
50
75
100
125
Temperature (°C)
Reference Voltage vs. Input Voltage
1.210
1.212
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
4
8
12
16
20
24
28
32
Input Voltage (V)
Output Voltage vs. Output Current
4.980
4.984
4.988
4.992
4.996
5.000
5.004
5.008
012345
Output Current (A)
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Output Current (A)
Typical Operating Characteristics
IOUT = 0A
VOUT = 5V, IOUT = 0A
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 32V
VOUT = 5V
VIN = 32V
VIN = 24V
VIN = 12V
VOUT = 5V
IOUT = 0A
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 32V
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 32V
VOUT = 5V, IOUT = 0A


Similar Part No. - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CR60J476M MURATA-GRM31CR60J476M Datasheet
35Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
   High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com