Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP2572 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP2572
Description  N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP2572 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDP2572_12 Datasheet HTML 2Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 3Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 4Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 5Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 6Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 7Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 8Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 9Page - Fairchild Semiconductor FDP2572_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2012 Fairchild Semiconductor Corporation
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
VDD
Qg(TH)
VGS = 2V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
Qgs2
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
FDB2572 Rev. C


Similar Part No. - FDP2572_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP2572 FAIRCHILD-FDP2572 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
logo
Tripath Technology Inc.
FDP2572 TRIPATH-FDP2572 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
Inchange Semiconductor ...
FDP2572 ISC-FDP2572 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP2572_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
FDB2572 FAIRCHILD-FDB2572 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2552-F085 FAIRCHILD-FDB2552-F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDPF770N15A FAIRCHILD-FDPF770N15A Datasheet
222Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 10A, 77m廓
FDP075N15A FAIRCHILD-FDP075N15A Datasheet
315Kb / 10P
   N-Channel PowerTrench짰 MOSFET 150V, 130A, 7.5m廓
FDP2552 FAIRCHILD-FDP2552_12 Datasheet
357Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2552_F085 FAIRCHILD-FDB2552_F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com