Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF085N10A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF085N10A
Description  N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF085N10A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF085N10A Datasheet HTML 1Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 2Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 3Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 4Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 5Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 6Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 7Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 8Page - Fairchild Semiconductor FDPF085N10A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDPF085N10A Rev. A1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
200
0.92
0.96
1.00
1.04
1.08
1.12
*Notes:
1. VGS = 0V
2. ID = 250mA
TJ, Junction Temperature [
oC]
-80
-40
0
40
80
120
160
200
0.5
1.0
1.5
2.0
2.5
*Notes:
1. VGS = 10V
2. ID = 96A
TJ, Junction Temperature [
oC]
0.1
1
10
100 200
0.01
0.1
1
10
100
500
10ms
100ms
1ms
100ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 175
oC
3. Single Pulse
DC
25
50
75
100
125
150
175
0
9
18
27
36
45
RqJC = 4.5
oC/W
VGS= 10V
TC, Case Temperature [
oC]
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
V
DS, Drain to Source Voltage [V]
0.01
0.1
1
10
100 300
1
10
30
If R = 0
tAV = (L)(IAS)/(1.3*RATED BVDSS-VDD)
If R = 0
tAV = (L/R)In[(IAS*R)/(1.3*RATED BVDSS-VDD)+1]
STARTING TJ = 25
o
C
STARTING TJ = 150
o
C
tAV, TIME IN AVALANCHE (ms)


Similar Part No. - FDPF085N10A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF085N10A ISC-FDPF085N10A Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF085N10A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB047N10 FAIRCHILD-FDB047N10_12 Datasheet
1Mb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP047N10 FAIRCHILD-FDP047N10_12 Datasheet
1,008Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com