Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R1C226M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # C3225X5R1C226M
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C226M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button C3225X5R1C226M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT8290
11
DS8290-02
March 2011
www.richtek.com
Table 3. Suggested Capacitors for CIN and COUT
Component Supplier
Series
Dimensions (mm)
TDK
VLF10045
10 x 9.7 x 4.5
TAIYO YUDEN
NR8040
8x8x4
Table 2. Suggested Inductors for Typical Application Circuit
Component Supplier
Part No.
Capacitance (μF)
Case Size
MURATA
GRM31CR61E106K
10
1206
TDK
C3225X5R1E106K
10
1206
TAIYO YUDEN
TMK316BJ106ML
10
1206
MURATA
GRM31CR60J476M
47
1206
TDK
C3225X5R0J476M
47
1210
TAIYO YUDEN
EMK325BJ476MM
47
1210
MURATA
GRM32ER71C226M
22
1210
TDK
C3225X5R1C226M
22
1210


Similar Part No. - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R1C226M NSC-C3225X5R1C226M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
logo
Richtek Technology Corp...
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
More results

Similar Description - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com