Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R1C226M Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # C3225X5R1C226M
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C226M Datasheet(HTML) 2 Page - Richtek Technology Corporation

  C3225X5R1C226M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C226M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT8290
2
DS8290-02
March 2011
www.richtek.com
Marking Information
RT8290GSP : Product Number
YMDNN : Date Code
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 10nF or greater ceramic capacitor
from the BOOT pin to SW pin.
2
VIN
Voltage Supply Input. The input voltage range is from 4.5V to 23V. A suitable large
capacitor must be bypassed with this pin.
3
SW
Switching Node. Connect the output LC filter between the SW pin and output load.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Output Voltage Feedback Input. The feedback reference voltage is 0.925V
typically.
6
COMP
Compensation Node. This pin is used for compensating the regulation control
loop. A series RC network is required to be connected from COMP to GND. If
needed, an additional capacitor can be connected from COMP to GND.
7
EN
Enable Input. A logic high enables the converter, a logic low forces the converter
into shutdown mode reducing the supply current to less than 3
μA. For automatic
startup, connect this pin to VIN with a 100k
Ω pull up resistor.
8
SS
Soft-Start Control Input. The soft-start period can be set by connecting a capacitor
from SS to GND. A 0.1
μF capacitor sets the soft-start period to 15.5ms typically.
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (μH)
COUT (μF)
15
153
10
30
3.9
33
22 x 2
10
97.6
10
20
3.9
22
22 x 2
8
76.8
10
15
3.9
22
22 x 2
5
45.3
10
13
3.9
15
22 x 2
3.3
26.1
10
6.8
3.9
10
22 x 2
2.5
16.9
10
6.2
3.9
6.8
22 x 2
1.8
9.53
10
4.3
3.9
4.7
22 x 2
1.2
3
10
3
3.9
3.6
22 x 2
Table 1. Recommended Component Selection
RT8290
GSPYMDNN
RT8290ZSP : Product Number
YMDNN : Date Code
RT8290
ZSPYMDNN


Similar Part No. - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R1C226M NSC-C3225X5R1C226M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
logo
Richtek Technology Corp...
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
C3225X5R1C226M RICHTEK-C3225X5R1C226M Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
More results

Similar Description - C3225X5R1C226M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com