Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK316BJ106ML Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # TMK316BJ106ML
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

TMK316BJ106ML Datasheet(HTML) 1 Page - Richtek Technology Corporation

  TMK316BJ106ML Datasheet HTML 1Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 2Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8294
1
DS8294-02
March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
} RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
} Suitable for use in SnPb or Pb-free soldering processes.
2A, 23V, 340kHz Synchronous Step-Down Converter
Features
l
±1.5% High Accuracy Feedback Voltage
l
Input Voltage Range : 4.5V to 23V
l
2A Output Current
l
Integrated N-MOSFETs
l
Current Mode Control
l
340kHz Fixed Frequency Operation
l
Output Adjustable Voltage Range : 0.923V to 20V
l
Efficiency Up to 95%
l
Programmable Soft-Start
l
Stable with Low ESR Ceramic Output Capacitors
l
Cycle-by Cycle Over Current Protection
l
Input Under Voltage Lockout
l
Output Under Voltage Protection
l
Thermal Shutdown Protection
l
RoHS Compliant and Halogen Free
SOP-8
BOOT
VIN
SW
GND
SS
EN
FB
COMP
2
3
4
5
6
7
8
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Applications
l
Wireless AP/Router
l
Set-Top-Box
l
Industrial and Commercial Low Power Systems
l
LCD Monitors and TVs
l
Green Electronics/Appliances
l
Point of Load Regulation of High-Performance DSPs
General Description
The RT8294 is a high efficiency, monolithic synchronous
step-downDC/DC converter that can deliver up to 2A output
current from a 4.5V to 23V input supply. The RT8294's
current mode architecture and external compensation
allow the transient response to be optimized over a wide
range of loads and output capacitors. Cycle-by-cycle
current limit provides protection against shorted outputs
and soft-start eliminates input current surge during start
up. The RT8294 also provides under voltage protection
and thermal shutdown protection. The low current (< 3
µA)
shutdown mode provides output disconnection, enabling
easy power management in battery-powered systems. The
RT8294 is available in SOP-8 and SOP-8 (Exposed Pad)
packages.
Package Type
S : SOP-8
SP: SOP-8(Exposed Pad-Option 1)
RT8294
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
   2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
   23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com