Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX550K Datasheet(PDF) 8 Page - Sony Corporation

Part # ILX550K
Description  10680 pixel X 3 line CCD Linear Sensor (Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX550K Datasheet(HTML) 8 Page - Sony Corporation

Back Button ILX550K Datasheet HTML 3Page - Sony Corporation ILX550K Datasheet HTML 4Page - Sony Corporation ILX550K Datasheet HTML 5Page - Sony Corporation ILX550K Datasheet HTML 6Page - Sony Corporation ILX550K Datasheet HTML 7Page - Sony Corporation ILX550K Datasheet HTML 8Page - Sony Corporation ILX550K Datasheet HTML 9Page - Sony Corporation ILX550K Datasheet HTML 10Page - Sony Corporation ILX550K Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
– 8 –
ILX550K
Example of Representative Characteristics (VDD = 12V, Ta = 25°C)
Wavelength [nm]
550
600
650
400
0
0.2
0.4
0.6
0.8
1.0
450
500
700
Spectral sensitivity characteristics (Standard characteristics)
Dark voltage rate vs. Ambient temperature
(Standard characteristics)
Output voltage rate vs. Integration time
(Standard characteristics)
Offset level vs. Supply voltage
(Standard characteristics)
Offset level vs. Ambient temperature
(Standard characteristics)
Ta – Ambient temperature [
°C]
30
40
50
–10
0
0.1
1
100
10
10
20
60
Ta – Ambient temperature [
°C]
20
30
40
50
–10
0
2
4
6
8
10
0
10
60
VDD – Supply voltage [V]
12
11.4
0
2
4
6
10
8
12.6
τ int – Integration time [ms]
5
1
0.1
1
10
10
∆Vos
∆VDD
≈ 0.7
∆Vos
∆Ta
≈ 1mV/ °C
Ta = 25
°C


Similar Part No. - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
   5150-pixel CCD Linear Sensor B W
ILX554 SONY-ILX554 Datasheet
109Kb / 13P
   2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
More results

Similar Description - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX555K SONY-ILX555K Datasheet
104Kb / 11P
   10680 pixel 횞 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com