Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX703A Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX703A
Description  2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX703A Datasheet(HTML) 1 Page - Sony Corporation

  ILX703A Datasheet HTML 1Page - Sony Corporation ILX703A Datasheet HTML 2Page - Sony Corporation ILX703A Datasheet HTML 3Page - Sony Corporation ILX703A Datasheet HTML 4Page - Sony Corporation ILX703A Datasheet HTML 5Page - Sony Corporation ILX703A Datasheet HTML 6Page - Sony Corporation ILX703A Datasheet HTML 7Page - Sony Corporation ILX703A Datasheet HTML 8Page - Sony Corporation ILX703A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
Description
The ILX703A is a reduction type CCD linear sensor
designed for facsimile, image scanner and OCR use.
This sensor reads B4 size documents at a density of
200 DPI (Dot Per Inch). Featuring a shutter function,
correspondences with the sensitivity correction, etc,
is possible. A built-in timing generator and clock-
drivers ensure direct drive at 5V logic for easy use.
Features
• Number of effective pixels: 2048 pixels
• Pixel size: 14µm
× 14µm (14µm pitch)
• Built-in timing generator and clock-drivers
• Shutter function
• Ultra low lag
• Maximum clock frequency: 5MHz
Absolute Maximum Ratings
• Supply voltage
VDD1
11
V
VDD2
6V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
– 1 –
E93124D78-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX703A
22 pin DIP (Ceramic)
1
VOUT
2
GND
3
GND
4
SHSW
5
φCLK
6
VDD1
7
GND
8
VDD2
9
SHUT
10
NC
11
φROG
12
GND
22
21
20
19
18
17
16
15
14
13
VDD2
EXRS
VDD1
RSSW
VGG
GND
GND
VDD1
NC
NC
1
2048
For the availability of this product, please contact the sales office.


Similar Part No. - ILX703A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
   3648 X 3pixel CCD Linear Sensor (Color)
ILX718 SONY-ILX718 Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX703A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
   256-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
   3918-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com