Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8855 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8855
Description  4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8855 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8855 Datasheet HTML 2Page - Richtek Technology Corporation RT8855 Datasheet HTML 3Page - Richtek Technology Corporation RT8855 Datasheet HTML 4Page - Richtek Technology Corporation RT8855 Datasheet HTML 5Page - Richtek Technology Corporation RT8855 Datasheet HTML 6Page - Richtek Technology Corporation RT8855 Datasheet HTML 7Page - Richtek Technology Corporation RT8855 Datasheet HTML 8Page - Richtek Technology Corporation RT8855 Datasheet HTML 9Page - Richtek Technology Corporation RT8855 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RT8855
6
DS8855-01 April 2011
www.richtek.com
Function Block Diagram
VCC12
VCC5
BOOT1
UGATE1
PHASE1
LGATE1
BOOT2
UGATE2
PHASE2
LGATE2
PWM3
PWM4
ISP1
ISN1
ISP2
ISN2
ISP3
ISN3
ISP4
ISN4
ADJ
FBRTN_NB
VID5 to VID0
I_SEN1
I_SEN2
I_SEN3
I_SEN4
IMAX
OC
POR
POR
VIDOFF
PWROK
FB
1.8V
OV
COMP
OC
OV
RT
1.25V
EN
OFS
Power-On
Reset
5V
Regulator
MOSFET
Driver
MOSFET
Driver
CH3_EN
Detector
CH4_EN
Detector
CH1
Current
SENSE
CH2
Current
SENSE
CH3
Current
SENSE
CH4
Current
SENSE
AVG
VID
Table
Generator
Transient
Response
Enhancement
Soft Start
and
Fault
Logic
Transient
Response
Enhancement
Offset
Modulator
Waveform
Generator
+
-
+
-
+
-
+
-
+
-
+
+
-
+
+
-
EA
-
-
-
-
-
PGOOD
FBRTN
ISP_NB
ISN_NB
I_SENNB
NB
Current
SENSE
MOSFET
Driver
BOOT_NB
UGATE_NB
PHASE_NB
LGATE_NB
VCC12_NB
+
-
RAMP_NB
-
+
EA
FB_NB
OC_NB
IMAX_NB
OV_NB
-
+
+
1.8V
COMP_NB
PS
RAMP_NB
OC
Detection
OC_NB
Detection


Similar Part No. - RT8855

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
   4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT8855

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Feature Integration Tec...
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
   Serial VID, Parallel VID Translator for AMD AM2 and AM2
F72569 FINTEK-F72569 Datasheet
688Kb / 24P
   ACPI Controller IC for AMD K8/AM2 Platform
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
   2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
logo
RAYEX ELECTRONICS CO., ...
AM2 RAYEX-AM2 Datasheet
431Kb / 2P
   AM2 SERIES
logo
Renesas Technology Corp
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
   4-Phase PWM Controller for VR12.5 CPUs
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733 LINER-LTC3733 Datasheet
333Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com