Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8075LP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV8075LP
Description  Constant-voltage Control 1-channel Forward/Reverse Motor Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8075LP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV8075LP Datasheet HTML 1Page - Sanyo Semicon Device LV8075LP Datasheet HTML 2Page - Sanyo Semicon Device LV8075LP Datasheet HTML 3Page - Sanyo Semicon Device LV8075LP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LV8075LP
Pin Functions
Pin No.
Pin name
Description
10
VCC
Power supply pin for control
5, 6
PGND
Power ground pins for IC
12
SGND
IC system ground
3
VM
Power supply pin for constant voltage output H-bridge
2
EN
IC enable pin. Power-saving mode is established when L-level is applied.
Pulled-down with 200k
Ω
16, 1
IN1, 2
Input pins for manipulating constant-current output H-bridge (OUT1, 2).
Pulled-down with 200k
Ω
4, 9
OUT1, 2
Constant voltage H-bridge output pins
13
VREF
Reference voltage output, outputs 1.5V
11
VC
Analog voltage input pin for constant voltage setting.
Must be short-circuited to VCC pin when using saturation control.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of February, 2010. Specifications and information herein are subject
to change without notice.
PS No.A1133-4/4


Similar Part No. - LV8075LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP Datasheet
64Kb / 4P
   Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP Datasheet
118Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8075LP ONSEMI-LV8075LP Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
LV8075LP-E ONSEMI-LV8075LP-E Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP_10 Datasheet
118Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
More results

Similar Description - LV8075LP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8075LP-E ONSEMI-LV8075LP-E Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP_10 Datasheet
118Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8075LP ONSEMI-LV8075LP Datasheet
62Kb / 4P
   Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP Datasheet
64Kb / 4P
   Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com