Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8805SV Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV8805SV
Description  PC and Server Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8805SV Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV8805SV Datasheet HTML 1Page - Sanyo Semicon Device LV8805SV Datasheet HTML 2Page - Sanyo Semicon Device LV8805SV Datasheet HTML 3Page - Sanyo Semicon Device LV8805SV Datasheet HTML 4Page - Sanyo Semicon Device LV8805SV Datasheet HTML 5Page - Sanyo Semicon Device LV8805SV Datasheet HTML 6Page - Sanyo Semicon Device LV8805SV Datasheet HTML 7Page - Sanyo Semicon Device LV8805SV Datasheet HTML 8Page - Sanyo Semicon Device LV8805SV Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LV8805SV
No.A1748-5/9
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
FG
FG pulse output. This pin outputs a Hall
sensor system equivalent pulse signal.
1
2
2
RD
Motor lockup detection output.
Output is fixed high when motor is locked up.
3
CT
Motor lockup detection time setting.
When the motor lockup condition is detected,
the protection time period before the
protection circuit is activated is set by
connecting a cacacitor between this pin and
ground.
VREG
3
4
OSC
Motor startup frequency setting. A capacitor
must be connected between this pin and
ground. The startup frequency is adjusted by
controlling the charge/discharge current and
capacitance of the capacitor.
VREG
4
5
GND
GND pin
6
VG
Charge pump step-up voltage output.
A capacitor must be connected between this
pin and the VCC pin or ground.
VREG
VCC
7
8
6
7
CP
Charge pump step-up pulse output pin.
A capacitor must be connected between this
pin and the CPC pin (pin 8).
8
CPC
Charge pump step-up pin.
A capacitor must be connected between this
pin and the CP pin (pin 7).
13
VCC
Power supply for the IC and motor.
Capacitors must be connected between
these pins and ground.
13
9
10
11
12
12
11
10
UO
VO
WO
Output pins. Connect these pins to the U, V,
and W of the motor coil.
9
RF
Output current detection pins. The drive
current is detected by connecting a resistor
between these pins and ground.
Continued on next page.


Similar Part No. - LV8805SV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV ONSEMI-LV8805SV Datasheet
272Kb / 9P
   Bi-CMOS LSI PC and Server Fan Motor Driver
May, 2013
LV8805SV ONSEMI-LV8805SV Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
LV8805SV-TLM-H ONSEMI-LV8805SV-TLM-H Datasheet
272Kb / 9P
   Bi-CMOS LSI PC and Server Fan Motor Driver
May, 2013
More results

Similar Description - LV8805SV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804FV SANYO-LV8804FV Datasheet
116Kb / 9P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V_12 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com