Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTP08016-10 Datasheet(PDF) 6 Page - RFHIC

Part # RTP08016-10
Description  The RTP08016-10 is designed for RF system application frequencies from 860MHz to 890MHz, with high gain.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP08016-10 Datasheet(HTML) 6 Page - RFHIC

  RTP08016-10 Datasheet HTML 1Page - RFHIC RTP08016-10 Datasheet HTML 2Page - RFHIC RTP08016-10 Datasheet HTML 3Page - RFHIC RTP08016-10 Datasheet HTML 4Page - RFHIC RTP08016-10 Datasheet HTML 5Page - RFHIC RTP08016-10 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P
Prreelliim
miin
naarryy
P
Poow
weerr A
Am
mp
plliiffiieerr P
Paalllleett
R
RT
TP
P0088001166--1100
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Test Sheet (WCDMA 6FA@16W/+45V, PAR=7.5dB)
Parameter
Specification@ 25℃
Operating Frequency [MHz]
860~890
Output Power [dBm]
+42.0
Pre DPD ACLR ∆5MHz [dBc]
-26.9
Post DPD ACLR ∆5MHz [dBc]
-50.4
Saturated Power [dBm]
+49.87
Current 45.0V [A]
+0.95
Current 5.6V [A]
+0.07
Coupling Value [dBm]
+0.86
Input Return Loss [dB]
-32.7
Output Return Loss[dB]
-21.3
Efficiency[%]
+37.5
[Test Result]
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RTP08016-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP08050-10 RFHIC-RTP08050-10 Datasheet
546Kb / 9P
   This HPA Module is a high gain and Amplifier module for CDMA and LTE Repeater use.
RTP08050-20 RFHIC-RTP08050-20 Datasheet
622Kb / 7P
   This HPA Module is a high gain and Amplifier module for CDMA and LTE Repeater use.
RTP08050-20B RFHIC-RTP08050-20B Datasheet
826Kb / 8P
   The RTP08050-20B is designed for RF system application frequencies from 837.5MHz to 957MHz, with high gain.
More results

Similar Description - RTP08016-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP07050-10 RFHIC-RTP07050-10 Datasheet
665Kb / 8P
   The RTP07050-10 is designed for RF system application frequencies from 746MHz to 780MHz, with high gain.
RTP21025-10 RFHIC-RTP21025-10 Datasheet
324Kb / 5P
   The RTP21025-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP26050-10 RFHIC-RTP26050-10 Datasheet
222Kb / 4P
   The RTP26050-10 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP21070-20 RFHIC-RTP21070-20 Datasheet
411Kb / 6P
   The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP08050-20B RFHIC-RTP08050-20B Datasheet
826Kb / 8P
   The RTP08050-20B is designed for RF system application frequencies from 837.5MHz to 957MHz, with high gain.
RTP07050-20B RFHIC-RTP07050-20B Datasheet
674Kb / 8P
   The RTP07050-20B is designed for RF system application frequencies from 728MHz to 842.5MHz, with high gain.
RTP23070-20 RFHIC-RTP23070-20 Datasheet
284Kb / 4P
   The RTP23070-20 is designed for RF system application frequencies from 2300MHz to 2400MHz, with high gain.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com