Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX011AM Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX011AM
Description  3.6cm (1.43-inch) LCD Panel (with microlens)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX011AM Datasheet(HTML) 5 Page - Sony Corporation

  LCX011AM Datasheet HTML 1Page - Sony Corporation LCX011AM Datasheet HTML 2Page - Sony Corporation LCX011AM Datasheet HTML 3Page - Sony Corporation LCX011AM Datasheet HTML 4Page - Sony Corporation LCX011AM Datasheet HTML 5Page - Sony Corporation LCX011AM Datasheet HTML 6Page - Sony Corporation LCX011AM Datasheet HTML 7Page - Sony Corporation LCX011AM Datasheet HTML 8Page - Sony Corporation LCX011AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
– 5 –
LCX011AM
Input Signals
1. Input signal voltage conditions
(Vss = 0V)
Item
H driver input voltage
WID, RGT, HST, HCK1, HCK2
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vsid
–0.5
4.5
–0.5
4.5
6.8
VVC – 4.5
VVC – 0.3
VVC ± 4.4
(VVC ± 3.1)
0.0
5.0
0.0
5.0
7.0
VVC – 0.2
VVC ± 4.5
(VVC ± 3.2)
0.3
5.5
0.3
5.5
7.2
VVC + 4.5
VVC – 0.1
VVC ± 4.6
(VVC ± 3.3)
V
V
V
V
V
V
V
V
V driver input voltage
ENB, VCK, PCG, VST, DWN
Video signal center voltage
Video signal input range∗1 (SIG1 to 6)
Common voltage of panel∗2
Side black signal for 4:3 display∗3 (SID)
input voltage
Symbol
Min.
Typ.
Max.
Unit
1 Video input signal shall be symmetrical to VVC.
2 Common voltage of the panel shall be adjusted to VVC – 0.2V.
3 The side black signal for 4:3 display shall be input at the timing shown in the figure below. Also, the interval
between the SID rise and fall shall be kept to 800ns or less.
Level Conversion Circuit
The LCX011AM has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
3.2V
4.5V
2.1µs
3.2V
4.5V
2.1µs
VVC
SID
PCG


Similar Part No. - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
   4.1cm (1.6-inch) LCD Panel (with microlens)
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Sony Corporation
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com