Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD362-060-0040H Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD362-060-0040H
Description  BMA RIGHT ANGLE PCB MOUNT PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD362-060-0040H Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD362-060-0040H Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SD362-060-0040H

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD362-074-6040H WINCHESTER-SD362-074-6040H Datasheet
107Kb / 1P
   BMA RIGHT ANGLE PCB MOUNT PLUG
More results

Similar Description - SD362-060-0040H

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD362-074-6040H WINCHESTER-SD362-074-6040H Datasheet
107Kb / 1P
   BMA RIGHT ANGLE PCB MOUNT PLUG
SD363-060-0040H WINCHESTER-SD363-060-0040H Datasheet
53Kb / 1P
   BMA RIGHT ANGLE PCB MOUNT PLUG
SD360-060-0040H WINCHESTER-SD360-060-0040H Datasheet
49Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
SD361-060-0040H WINCHESTER-SD361-060-0040H Datasheet
134Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
SD362-574-0850H WINCHESTER-SD362-574-0850H Datasheet
58Kb / 1P
   BMA RIGHT ANGLE BULKHEAD PLUG
logo
Molex Electronics Ltd.
0732980100 MOLEX-0732980100_V01 Datasheet
32Kb / 1P
   50 Ohms, BMA Plug Right-Angle, PCB Through Hole
0732980100 MOLEX11-0732980100 Datasheet
31Kb / 1P
   50 Ohms, BMA Plug Right-Angle, PCB Through Hole
logo
Pasternack Enterprises,...
PE45333 PASTERNACK-PE45333 Datasheet
420Kb / 4P
   BMA Plug Right Angle Slide-On Connector Solder Attachment Surface Mount PCB
PE45355 PASTERNACK-PE45355 Datasheet
356Kb / 3P
   BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
logo
Huber+Suhner, Inc.
84_BMA-50-0-1111_N HUBERSUHNER-84_BMA-50-0-1111_N Datasheet
192Kb / 2P
   COAXIAL CONNECTOR, BMA, 50 Ohm, Right angle PCB plug (male)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com